Part Number Hot Search : 
HGCFA FR606 ER801F C1602 TZM5225B CEM830 03A0397M SC2705
Product Description
Full Text Search
 

To Download MSA-0836-TR1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msa-0836 cascadable silicon bipolar mmic amplifier data sheet features usable gain to 6.0 ghz high gain: 32.5 db typical at 0.1 ghz 23.0 db typical at 1.0 ghz low noise figure: 3.0 db typical at 1.0 ghz cost effective ceramic microstrip package description the msa-0836 is a high performance silicon bipolar monolithic microwave integrated circuit (mmic) housed in a cost effective, microstrip package. this mmic is designed for use as a general purpose 50 ? gain block above 0.5 ghz and can be used as a high gain transistor below this frequency. typical applications include narrow and moderate band if and rf amplifiers in commercial and industrial applications. the msa-series is fabricated using avago s 10 ghz f t , 25 ghz f max , silicon bipolar mmic process which uses nitride self-alignment, ion implantation, and gold met- allization to achieve excellent performance, unifor- mity and reliability. the use of an external bias resistor for temperature and current stability also allows bias flexibility. typical biasing configuration c block c block r bias v cc > 10 v v d = 7.8 v rfc (optional) in out msa 4 1 2 3 36 micro-x package
2 msa-0836 absolute maximum ratings parameter absolute maximum [1] device current 80 ma power dissipation [2,3] 750 mw rf input power +13 dbm junction temperature 150 c storage temperature [4] C 65 c to 150 c thermal resistance [2,5] : jc = 175 c/w notes: 1. permanent damage may occur if any of these limits are exceeded. 2. t case = 25 c. 3. derate at 5.7 mw/ c for t c > 69 c. 4. storage above +150 c may tarnish the leads of this package making it difficult to solder into a circuit. 5. the small spot size of this technique results in a higher, though more accurate determination of jc than do alternate methods. g p power gain (|s 21 | 2 ) f = 0.1 ghz db 32.5 f = 1.0 ghz 22.0 23.0 25.0 f = 4.0 ghz 10.5 input vswr f = 1.0 to 3.0 ghz 2.0:1 output vswr f = 1.0 to 3.0 ghz 1.5:1 nf 50 ? noise figure f = 1.0 ghz db 3.0 p 1 db output power at 1 db gain compression f = 1.0 ghz dbm 12.5 ip 3 third order intercept point f = 1.0 ghz dbm 27.0 t d group delay f = 1.0 ghz psec 125 v d device voltage v 7.0 7.8 8.4 dv/dt device voltage temperature coefficient mv/ c C 17.0 note: 1. the recommended operating current range for this device is 20 to 40 ma. typical performance as a function of current is on the following page. electrical specifications [1] , t a = 25 c symbol parameters and test conditions: i d = 36 ma, z o = 50 ? units min. typ. max. vswr ordering information part numbers no. of devices comments msa-0836-blkg 100 bulk MSA-0836-TR1G 1000 7" reel
3 msa-0836 typical scattering parameters [1] (z o = 50 ? , t a = 25 c, i d = 36 ma) freq. ghz mag ang db mag ang db mag ang mag ang k 0.1 .63 C 17 32.5 42.02 161 C 37.7 .013 55 .63 C 19 0.72 0.2 .58 C 33 31.5 37.52 145 C 33.7 .021 47 .56 C 37 0.73 0.4 .49 C 56 29.1 28.50 119 C 29.7 .033 54 .42 C 66 0.72 0.6 .40 C 70 26.7 21.54 103 C 27.9 .040 55 .32 C 84 0.78 0.8 .35 C 80 24.6 17.01 92 C 26.0 .050 53 .24 C 98 0.85 1.0 .33 C 89 22.9 13.98 82 C 24.9 .057 52 .18 C 107 0.89 1.5 .30 C 111 19.5 9.45 64 C 22.1 .079 51 .09 C 126 0.95 2.0 .30 C 133 16.9 7.03 48 C 20.2 .098 44 .07 C 141 0.99 2.5 .32 C 150 14.9 5.53 39 C 19.2 .110 42 .06 C 166 1.04 3.0 .34 C 170 13.2 4.56 26 C 18.3 .122 36 .06 C 106 1.06 3.5 .38 175 11.7 3.86 14 C 17.5 .133 32 .08 C 100 1.08 4.0 .39 162 10.5 3.33 2 C 16.7 .146 27 .12 C 101 1.08 5.0 .41 132 7.9 2.47 C 21 C 15.6 .165 19 .21 C 113 1.10 6.0 .52 95 5.8 1.94 C 45 C 14.6 .187 7 .20 C 149 1.05 s 11 s 21 s 12 s 22 typical performance, t a = 25 c (unless otherwise noted) g p (db) 0.1 0.3 0.5 1.0 3.0 6.0 frequency (ghz) figure 1. typical power gain vs. frequency, i d = 36 ma. 2 046810 v d (v) figure 2. device current vs. voltage. figure 3. power gain vs. current. 0 5 10 15 20 25 30 35 0 35 gain flat to dc i d (ma) t c = +125 c t c = +25 c t c = ?5 c figure 4. output power at 1 db gain compression, nf and power gain vs. case temperature, f = 1.0 ghz, i d =36ma. frequency (ghz) figure 5. output power at 1 db gain compression vs. frequency. frequency (ghz) figure 6. noise figure vs. frequency. 10 20 30 i d (ma) 5 10 15 20 25 30 35 g p (db) 10 30 40 20 0.1 ghz 4.0 ghz 2.0 ghz 0.5 ghz 1.0 ghz 2 3 4 10 11 12 13 21 22 23 24 ?5 ?5 +25 +85 +125 p 1 db (dbm) nf (db) gp (db) temperature ( c) p 1 db nf g p 3.0 2.5 3.5 4.0 4.5 nf (db) 0.1 0.2 0.3 0.5 2.0 1.0 4.0 0.1 0.2 0.3 0.5 2.0 1.0 4 6 8 10 16 14 12 p 1 db (dbm) i d = 36 ma i d = 40 ma i d = 20 ma i d = 20 ma i d = 36 ma i d = 40 ma
36 micro-x package dimensions 1 3 4 2 source source drain gate 2.15 (0.085) 2.11 (0.083) dia. 0.508 (0.020) 2.54 (0.100) 4.57 0.25 0.180 0.010 0.15 0.05 (0.006 0.002) notes: 1. dimensions are in millimeters (inches) 2. tolerances: in .xxx = 0.005 mm .xx = 0.13 0.56 (0.022) 1.45 0.25 (0.057 0.010) for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies, limited in the united states and other countrie s. data subject to change. copyright ? 2007 avago technologies, limited. all rights reserved. obsoletes 5989-2742en av02-0306en - april 12, 2007


▲Up To Search▲   

 
Price & Availability of MSA-0836-TR1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X